Part Number Hot Search : 
20010 TB2118FG 1N6303 KA7812 67A42 UNR31 AN011 3X221
Product Description
Full Text Search
 

To Download NTE2310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2310 Silicon NPN Transistor High Voltage, High Speed Switch
Description: The NTE2310 is a silicon multiepitaxial mesa NPN transistor in a TO218 type package designed for use in high voltage, fast switching industrial applications. Absolute Maximum Ratings: Collector-Emitter Voltage (VBE = 0), VCES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V Collector-Emitter Voltage (IB = 0), VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8A Peak (tp 2ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Base Current, IB Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Peak (tp 2ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2C/W Electrical Charactertistics: (TC = +25C unless otherwise specified)
Parameter Collector-Emitter Sustaining Voltage Collector Cutoff Current Symbol Test Conditions Min 400 - - - - - - - - Typ - - - - - - - - - Max - 1 3 10 1.5 1.5 1 4 0.8 Unit V mA mA mA V V s s s VCEO(sus) IC = 100mA, L = 25mH, Note 1 ICES IEBO VCE(sat) VBE(sat) ton ts tf VCE = 1000V, VBE = 0 VCE = 1000V, VBE = 0, TC = +125C Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Turn-On Time Storage Time Fall Time VEB = 9V, IC = 0 IC = 6A, IB = 1.2A, Note 1 IC = 6A, IB = 1.2A, Note 1 IC = 6A, IB1 = 1.2A, IB2 = 1.2A
Note 1. Pulse Test: Pulse Width = 300s, Duty Cycle = 1.5%.
.600 (15.24)
.060 (1.52) .173 (4.4)
C
.156 (3.96) Dia.
.550 (13.97)
.430 (10.92)
B
C
E
.500 (12.7) Min .055 (1.4) .015 (0.39)
.216 (5.45)
NOTE: Dotted line indicates that case may have square corners


▲Up To Search▲   

 
Price & Availability of NTE2310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X